データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SGM3140B データシート(PDF) 7 Page - SG Micro Corp

部品番号 SGM3140B
部品情報  Charge Pump LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SGMICRO [SG Micro Corp]
ホームページ  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3140B データシート(HTML) 7 Page - SG Micro Corp

Back Button SGM3140B Datasheet HTML 3Page - SG Micro Corp SGM3140B Datasheet HTML 4Page - SG Micro Corp SGM3140B Datasheet HTML 5Page - SG Micro Corp SGM3140B Datasheet HTML 6Page - SG Micro Corp SGM3140B Datasheet HTML 7Page - SG Micro Corp SGM3140B Datasheet HTML 8Page - SG Micro Corp SGM3140B Datasheet HTML 9Page - SG Micro Corp SGM3140B Datasheet HTML 10Page - SG Micro Corp SGM3140B Datasheet HTML 11Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
500mA Buck/Boost
Charge Pump LED Driver
7
SGM3140B
SG Micro Corp
www.sg-micro.com
TYPICAL APPLICATION
The SGM3140B can be used with multiple LEDs in parallel as shown in Figure 1. For best performance, the LEDs
should be in a single package, preferably from a single die to have better matching for forward voltage VF for a given
forward current IF. In practice, if the VF of one LED is higher than the others, it will consume a larger IF, which will raise its
temperature which will then cause its VF to decrease, correcting the imbalance. The overall current will be the sum of the
individual currents, for example ITOTAL = 4 × ILED.
VIN
C1
C2
FLASH
EN
VOUT
PGND
SGND
FB
RSET
1
2
3
4
5
10
9
8
7
6
CF
1μF
CIN
10μF
3.0V to 4.2V
VIN
SGM3140B
1
3
2
Jumper
SW2
REN
10kΩ
RSET
139kΩ
RFB
0.33Ω
COUT
4.7μF
Figure 1. Multiple LED Flash Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com