データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SGM3140B データシート(PDF) 1 Page - SG Micro Corp

部品番号 SGM3140B
部品情報  Charge Pump LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SGMICRO [SG Micro Corp]
ホームページ  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3140B データシート(HTML) 1 Page - SG Micro Corp

  SGM3140B Datasheet HTML 1Page - SG Micro Corp SGM3140B Datasheet HTML 2Page - SG Micro Corp SGM3140B Datasheet HTML 3Page - SG Micro Corp SGM3140B Datasheet HTML 4Page - SG Micro Corp SGM3140B Datasheet HTML 5Page - SG Micro Corp SGM3140B Datasheet HTML 6Page - SG Micro Corp SGM3140B Datasheet HTML 7Page - SG Micro Corp SGM3140B Datasheet HTML 8Page - SG Micro Corp SGM3140B Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SGM3140B
500mA Buck/Boost
Charge Pump LED Driver
GENERAL DESCRIPTION
The SGM3140B is a current-regulated charge pump
ideal for powering high brightness LEDs for camera
flash applications. The charge pump can be set to
regulate two current levels for Flash and Torch modes.
The
SGM3140B
automatically
switches
modes
between step-up and step-down ensuring that LED
current does not depend on the forward voltage. It
switches at 2.2MHz, allowing the use of tiny
components. The supply voltage ranges from 2.7V to
5.5V and is ideally suited for all applications powered
by a single Li-ion battery cell or three to four NiCd,
NiMH, or Alkaline battery cells.
The SGM3140B also features a very low shutdown
current, an automatic soft-start mode to limit inrush
current, as well as over-current, over-voltage and
over-temperature thermal shutdown control.
A low current-sense reference voltage (47mV) allows
the use of small 0603 current sensing resistors.
The SGM3140B is available in Green TDFN-3×3-10L
package and is specified over an ambient temperature
range of -40
℃ to +85℃.
APPLICATIONS
White LED Torch, Flash for Cell
Phones, DSCs and Camcorders
White LED Backlighting
Generic Lighting, Flash and Strobe Applications
General Purpose High Current Boost
FEATURES
● Output Current Up to 500mA
● Up to 90% Efficiency in Torch Mode
● Adjustable Flash Mode Current
● Automatic Buck/Boost Mode Switchover
● Input Voltage Range: 2.7V to 5.5V
● Minimum External Components: No Inductors
● High Frequency Operation: 2.2MHz
● Low 47mV Reference for Low Loss Sensing
● IQ < 1μA in Shutdown
● Automatic Soft-Start Limits Inrush Current
● Low Input and Output Ripple and Low EMI
● Output Over-Voltage Protection
● Over-Current and Over-Temperature Protection
● Available in Green TDFN-3×3-10L Package
TYPICAL APPLICATION
VIN
C1
C2
FLASH
EN
VOUT
PGND
SGND
FB
RSET
1
2
3
4
5
10
9
8
7
6
CF
1μF
CIN
4.7μF
2.7V to 5.5V
VIN
SGM3140B
ENABLE
RSET
86.6kΩ
RSENSE
0.33Ω
COUT
1μF
TORCH/FLASH
WLED
REV. A
SG Micro Corp
www.sg-micro.com


同様の部品番号 - SGM3140B

メーカー部品番号データシート部品情報
logo
SG Micro Corp
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
Charge Pump LED Driver
More results

同様の説明 - SGM3140B

メーカー部品番号データシート部品情報
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
Charge-Pump White LED Driver
logo
ON Semiconductor
NCP5608 ONSEMI-NCP5608 Datasheet
190Kb / 16P
Multiple LED Charge Pump Driver
June, 2006 ??Rev. 1
logo
Semtech Corporation
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
logo
SG Micro Corp
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com