データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

80960HD データシート(PDF) 97 Page - Intel Corporation

部品番号 80960HD
部品情報  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

80960HD データシート(HTML) 97 Page - Intel Corporation

Back Button 80960HD Datasheet HTML 93Page - Intel Corporation 80960HD Datasheet HTML 94Page - Intel Corporation 80960HD Datasheet HTML 95Page - Intel Corporation 80960HD Datasheet HTML 96Page - Intel Corporation 80960HD Datasheet HTML 97Page - Intel Corporation 80960HD Datasheet HTML 98Page - Intel Corporation 80960HD Datasheet HTML 99Page - Intel Corporation 80960HD Datasheet HTML 100Page - Intel Corporation 80960HD Datasheet HTML 101Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
91
“ONCEBAR
: 6,”&
“PCHKBAR
: 189,”&
“READYBAR
: 68,”&
“RESETBAR
: 174,”&
“STEST
: 208,”&
“SUPBAR
: 97,”&
“TCK
: 194,”&
“TDI
: 191,”&
“TDO
: 188,”&
“TMS
: 192,”&
“TRST
: 193,”&
“WAITBAR
: 90,”&
“WRBAR
: 88,”&
“XINTBAR
: (169, 168, 167, 166, 163, 162, 161, 160),”&
“FIVEVREF
: 197,”&
“VCCPLL
: 177,”&
“VCC1
: (1, 4, 9, 11, 17, 19, 25, 31, 33, 38, 44, 46,”&
“
49, 59, 60, 66, 71, 74, 76, 81, 87, 92, 95, 101),”&
“VCC2
: (102, 109, 115, 117, 123, 128, 131, 137, 143, 149,”&
“
153, 154, 158, 165, 171, 173, 176, 179, 185, 187,”&
“
196, 199, 201, 204),”&
“VSS1
: (2, 3, 7, 8, 16, 18, 24, 30, 32, 43, 47, 48,”&
“
53, 58, 65, 70, 73, 75, 80, 86, 93, 94, 98, 103),”&
“VSS2
: (108, 114, 116, 122, 129, 130, 136, 142, 148, 152,”&
“
155, 156, 157, 164, 170, 172, 178, 184, 186, 190,”&
“
195, 198, 200, 205)”;
attribute Tap_Scan_In
of
TDI
: signal is true;
attribute Tap_Scan_Mode
of
TMS
: signal is true;
attribute Tap_Scan_Out
of
TDO
: signal is true;
attribute Tap_Scan_Reset of
TRST
: signal is true;
attribute Tap_Scan_Clock of
TCK
: signal is (66.0e6, BOTH);
attribute Instruction_Length of Ha_Processor: entity is 4;
attribute Instruction_Opcode of Ha_Processor: entity is
Example 2. Boundary-Scan Description Language (BSDL) for PQ2 Package Example (Sheet 4 of 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More