データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

80960HD データシート(PDF) 13 Page - Intel Corporation

部品番号 80960HD
部品情報  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

80960HD データシート(HTML) 13 Page - Intel Corporation

Back Button 80960HD Datasheet HTML 9Page - Intel Corporation 80960HD Datasheet HTML 10Page - Intel Corporation 80960HD Datasheet HTML 11Page - Intel Corporation 80960HD Datasheet HTML 12Page - Intel Corporation 80960HD Datasheet HTML 13Page - Intel Corporation 80960HD Datasheet HTML 14Page - Intel Corporation 80960HD Datasheet HTML 15Page - Intel Corporation 80960HD Datasheet HTML 16Page - Intel Corporation 80960HD Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
7
3.1
Pin Descriptions
This section defines the 80960Hx pins. Table 6 presents the legend for interpreting the pin
descriptions in Table 7. All pins float while the processor is in the ONCE mode, except TDO,
which can be driven active according to normal JTAG specifications.
Table 6.
Pin Description Nomenclature
Symbol
Description
I
Input only pin.
O
Output only pin.
I/O
Pin can be input or output.
-
Pin must be connected as indicated for proper device functionality.
S(E)
Synchronous edge sensitive input. This input must meet the setup and hold times relative to
CLKIN to ensure proper operation of the processor.
S(L)
Synchronous level sensitive input. This input must meet the setup and hold times relative to
CLKIN to ensure proper operation of the processor.
A(E)
Asynchronous edge-sensitive input.
A(L)
Asynchronous level-sensitive input.
H(...)
While the processor bus is in the HOLD state (HOLDA asserted), the pin:
H(1) is driven to VCC
H(0) is driven to VSS
H(Z) floats
H(Q) continues to be a valid output
B(...)
While the processor is in the bus backoff state (BOFF asserted), the pin:
B(1) is driven to VCC
B(0) is driven to VSS
B(Z) floats
B(Q) continues to be a valid output
R(...)
While the processor’s RESET pin is asserted, the pin:
R(1) is driven to VCC
R(0) is driven to VSS
R(Z) floats
R(Q) continues to be a valid output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More