| データシートサーチシステム |
|
80960HD データシート(PDF) 67 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960HD データシート(HTML) 67 Page - Intel Corporation |
|
67 / 102 page ![]() 80960HA/HD/HT Advance Information Datasheet 61 Figure 44. Burst, Pipelined Read Request with Wait States, 32-Bit Bus ADS A31:4, SUP, CT3:0, D/C, BE3:0,LOCK W/R A3:2 D31:0, WAIT BLAST DT/R DEN CLKIN IN D IN D IN D IN D IN D' A 2 1 D 1 D1 D1 A' 21 Valid D D' Valid In- valid In- valid 00 01 10 11 Valid In- valid DP3:0 PCHK 1. Non-pipelined request concludes, pipelined reads begin. 2. Pipelined reads conclude, non-pipelined requests begin. 2 1 NOTE: Bits 31-30, 27-25, 13, and 5 are reserved. Burst Bus Width Odd Parity NXDA NWDD NWAD NRDD 29 28 21 24 23-22 20 12-8 19-16 15-14 7-6 4-0 Enabled 1 ON 1 X xxxx 32-Bit X x Enabled 1 X xx X xxxxx 1 01 X x 2 00010 Function Bit Value External Ready Control Pipe- Lining Parity Enable NRAD 10 PMCON |