データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

82C55 データシート(PDF) 4 Page - Intel Corporation

部品番号 82C55
部品情報  CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

82C55 データシート(HTML) 4 Page - Intel Corporation

  82C55 Datasheet HTML 1Page - Intel Corporation 82C55 Datasheet HTML 2Page - Intel Corporation 82C55 Datasheet HTML 3Page - Intel Corporation 82C55 Datasheet HTML 4Page - Intel Corporation 82C55 Datasheet HTML 5Page - Intel Corporation 82C55 Datasheet HTML 6Page - Intel Corporation 82C55 Datasheet HTML 7Page - Intel Corporation 82C55 Datasheet HTML 8Page - Intel Corporation 82C55 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
82C55A
231256 – 3
Figure 3 82C55A Block Diagram Showing Data Bus Buffer and ReadWrite Control Logic Functions
NOTE
231256 – 4
Port pins loaded with more than 20 pF capacitance may not have their logic level guaranteed following a hardware reset
Figure 4 Port A B C Bus-hold Configuration
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23