| データシートサーチシステム |
|
CDP1806ACE データシート(PDF) 7 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CDP1806ACE データシート(HTML) 7 Page - Intersil Corporation |
|
7 / 30 page ![]() 7 Timing Waveforms For Possible Operating Modes NOTE: 8. ME has a minimum setup and hold time with respect to the beginning of clock 70. For a memory read operation, RAM data will appear on the data bus during the time ME is active after clock 31. The time shown can be longer, if for instance, a DMA out operation is performed on internal RAM data, to allow data enough time to be latched into an external device. The internal RAM is automatically deselected at the end of clock 71 independent of ME. † For CDP1805AC only. FIGURE 3. INTERNAL MEMORY OPERATION TIMING WAVEFORMS NOTE: † For CDP1805AC only. FIGURE 4. EXTERNAL MEMORY OPERATION TIMING WAVEFORMS 00 10 20 30 40 50 60 70 00 10 20 30 40 50 60 70 01 11 21 31 41 51 61 71 01 11 21 31 41 51 61 71 CLOCK TPA TPB MEMORY ADDRESS MRD MWR †ME IN DATA BUS HIGH BYTE LOW BYTE HIGH BYTE LOW BYTE VALID DATA FROM MEMORY VALID DATA FROM CPU INTERNAL RAM READ CYCLE INTERNAL RAM WRITE CYCLE 00 10 20 30 40 50 60 70 00 10 20 30 40 50 60 70 CLOCK TPA TPB MRD MWR †ME IN DATA BUS 01 11 21 31 41 51 61 71 01 11 21 31 41 51 61 71 MEMORY ADDRESS (HIGH) HIGH BYTE LOW BYTE LOW BYTE HIGH BYTE DATA LATCHED IN CPU VALID DATA FROM CPU EXTERNAL MEMORY READ CYCLE EXTERNAL MEMORY WRITE CYCLE CDP1805AC, CDP1806AC |