| データシートサーチシステム |
|
CDP1806ACE データシート(PDF) 24 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CDP1806ACE データシート(HTML) 24 Page - Intersil Corporation |
|
24 / 30 page ![]() 24 TABLE 2. CONDITIONS ON DATA BUS AND MEMORY ADDRESS LINES DURING ALL MACHINE STATES STATE I N MNEMONIC OPERATION DATA BUS MEMORY ADDRESS MRD MWR N LINES S1 RESET 0 → Q, I, N, COUNTER, PRESCALER, CIL; 1 → CIE, XIE 00 UNDE- FINED 11 0 S1 INITIALIZE, NOT PROGRAMMER AC- CESSIBLE X, P → T THEN 0 → X, P; 1 → MIE, 0000 → R0 00 (Note 20) UNDE- FINED 11 0 S0 FETCH MRP → I, N; RP + 1 → RP MRP RP 0 1 0 S1 0 0 IDL STOP AT TPB WAIT FOR DMA OR INT HIGH Z RO 1 1 0 S1 0 1-F LDN MRN → D MRN RN 0 1 0 S1 1 0-F INC RN + 1 → RN HIGH Z RN 1 1 0 S1 2 0-F DEC RN - 1 → RN HIGH Z RN 1 1 0 S1 3 0-F SHORT BRANCH TAKEN: MRP → RP.0 NOT TAKEN: RP + 1 → RP MRP RP 0 1 0 S1 4 0-F LDA MRN → D; RN + 1 → RN MRN RN 0 1 0 S1 5 0-F STR D → MRN D RN 1 0 0 S1 6 0 IRX RX + 1 → RX MRX RX 1 1 0 S1 6 1 OUT 1 MRX → BUS; RX + 1 → RX MRX RX 0 1 1 S1 6 2 OUT 2 MRX → BUS; RX + 1 → RX MRX RX 0 1 2 S1 6 3 OUT 3 MRX → BUS; RX + 1 → RX MRX RX 0 1 3 S1 6 4 OUT 4 MRX → BUS; RX + 1 → RX MRX RX 0 1 4 S1 6 5 OUT 5 MRX → BUS; RX + 1 → RX MRX RX 0 1 5 S1 6 6 OUT 6 MRX → BUS; RX + 1 → RX MRX RX 0 1 6 S1 6 7 OUT 7 MRX → BUS; RX + 1 → RX MRX RX 0 1 7 S1 6 9 INP 1 BUS → MRX, D DATA FROM I/O DEVICE RX 1 0 1 S1 6 A INP 2 BUS → MRX, D DATA FROM I/O DEVICE RX 1 0 2 S1 6 B INP 3 BUS → MRX, D DATA FROM I/O DEVICE RX 1 0 3 S1 6 C INP 4 BUS → MRX, D DATA FROM I/O DEVICE RX 1 0 4 S1 6 D INP 5 BUS → MRX, D DATA FROM I/O DEVICE RX 1 0 5 CDP1805AC, CDP1806AC |