| データシートサーチシステム |
|
CDP1806ACE データシート(PDF) 25 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CDP1806ACE データシート(HTML) 25 Page - Intersil Corporation |
|
25 / 30 page ![]() 25 S1 6 E INP 6 BUS → MRX, D DATA FROM I/O DEVICE RX 1 0 6 S1 6 F INP 7 BUS → MRX, D DATA FROM I/O DEVICE RX 1 0 7 S1 7 0 RET MRX → X, P; RX + 1 → RX 1 → MIE MRX RX 0 1 0 S1 7 1 DIS MRX → X, P; RX + 1 → RX 0 → MIE MRX RX 0 1 0 S1 7 2 LDXA MRX → D; RX + 1 → RX MRX RX 0 1 0 S1 7 3 STXD D → MRX; RX - 1 → RX D RX 1 0 0 S1 7 4 ADC MRX + D + DF → DF, D MRX RX 0 1 0 S1 7 5 SDB MRX - D - DFN → DF, D MRX RX 0 1 0 S1 7 6 SHRC LSB(D) → DF; DF → MSB(D) HIGH Z RX 1 1 0 S1 7 7 SMB D - MRX - DFN → DF, D MRX RX 0 1 0 S1 7 8 SAV T → MRX T RX 1 0 0 S1 7 9 MARK X, P → T, MR2; P → X R2 - 1 → R2 T R2 1 0 0 S1 7 A REQ 0 → QHIGH Z RP 1 1 0 S1 7 B SEQ 1 → QHIGH Z RP 1 1 0 S1 7 C ADCI MRP + D + DF → DF, D; RP + 1 MRP RP 0 1 0 S1 7 D SDBI MRP - D - DFN → DF, D; RP + 1 MRP RP 0 1 0 S1 7 E SHLC MSB(D) → DF; DF → LSB D HIGH Z RP 1 1 0 S1 7 F SMBI D - MRP - DFN → DF, D; RP + 1 MRP RP 0 1 0 S1 8 0-F GLO RN.0 → D RN.0 RN 1 1 0 S1 9 0-F GHI RN.1 → D RN.1 RN 1 1 0 S1 A 0-F PLO D → RN.0 D RN 1 1 0 S1 B 0-F PHI D → RN.1 D RN 1 1 0 S1#1 C 0-3, 8-B LONG BRANCH TAKEN: MRP → B; RP + 1 → RP MRP RP 0 1 0 #2 C 0-3, 8-B LONG BRANCH TAKEN: B → RP.1; MRP → RP.0 M(RP + 1) RP + 1 0 1 0 S1#1 C 0-3, 8-B LONG BRANCH NOT TAKEN RP + 1 → RP MRP RP 0 1 0 #2 C 0-3, 8-B LONG BRANCH NOT TAKEN RP + 1 → RP M(RP + 1) RP + 1 0 1 0 S1#1 C 5 LONG SKIP TAKEN: RP + 1 → RP MRP RP 0 1 0 #2 C 6 LONG SKIP TAKEN: RP + 1 → RP M(RP + 1) RP + 1 0 1 0 TABLE 2. CONDITIONS ON DATA BUS AND MEMORY ADDRESS LINES DURING ALL MACHINE STATES (Continued) STATE I N MNEMONIC OPERATION DATA BUS MEMORY ADDRESS MRD MWR N LINES CDP1805AC, CDP1806AC |