| データシートサーチシステム |
|
R5F2136CSDFA データシート(PDF) 37 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2136CSDFA データシート(HTML) 37 Page - Renesas Technology Corp |
|
37 / 61 page ![]() R8C/36T-A Group 4. Electrical Characteristics R01DS0055EJ0100 Rev.1.00 Page 37 of 58 Dec 09, 2011 Notes: 1. Definition of programming/erasure endurance The programming and erasure endurance is defined on a per-block basis. If the programming and erasure endurance is n (n = 100 or 1,000), each block can be erased n times. For example, if 1,024 1- byte writes are performed to different addresses in block A, a 1 Kbyte block, and then the block is erased, the programming/erasure endurance still stands at one. However, the same address must not be programmed more than once per erase operation (overwriting prohibited). 2. Endurance to guarantee all electrical characteristics after program and erase. (1 to Min. value can be guaranteed). 3. In a system that executes multiple programming operations, the actual erasure count can be reduced by writing to sequential addresses in turn so that as much of the block as possible is used up before performing an erase operation. For example, when programming groups of 16 bytes, the effective number of rewrites can be minimized by programming up to 128 groups before erasing them all in one operation. It is also advisable to retain data on the erasure endurance of each block and limit the number of erase operations to a certain number. 4. If an error occurs during block erase, attempt to execute the clear status register command, then execute the block erase command at least three times until the erase error does not occur. 5. Customers desiring program/erase failure rate information should contact their Renesas technical support representative. 6. The data hold time includes time that the power supply is off or the clock is not supplied. 7. The data hold time includes 7,000 hours under an environment of ambient temperature 85°C. Table 4.5 Flash Memory (Program ROM) Characteristics (Vcc = 2.7 V to 5.5 V, Topr = 20°C to 85°C (N version)/40°C to 85°C (D version), unless otherwise specified) Symbol Parameter Conditions Standard Unit Min. Typ. Max. ― Program/erase endurance (1) 1,000 (2) ―― times ― Byte program time (Program and erase endurance 100 times) ―― ― μs ― Byte program time (Program and erase endurance 1,000 times) ―― ― μs ― Word program time (Program and erase endurance 100 times) Topr = 25°C, VCC = 5.0 V ― 100 200 μs ― Word program time (Program and erase endurance 100 times) ― 100 400 μs ― Word program time (Program and erase endurance 1,000 times) ― 100 650 μs ― Block erase time ― 0.3 4 s td(SR-SUS) Time delay from suspend request until suspend ―― 5 + CPU clock × 3 cycles ms ― Interval from erase start/restart until following suspend request 0 ―― μs ― Time from suspend until erase restart ―― 30 + CPU clock × 1 cycle μs td(CMDRST -READY) Time from when command is forcibly terminated until reading is enabled ―― 30 + CPU clock × 1 cycle μs ― Program, erase voltage 2.7 ― 5.5 V ― Read voltage 1.8 ― 5.5 V ― Program, erase temperature 20 (N ver.) 40 (D ver.) ― 85 °C ― Data hold time (6) Ambient temperature = 55°C (7) 20 ―― year |
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |