| データシートサーチシステム |
|
R5F2136CSDFA データシート(PDF) 41 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2136CSDFA データシート(HTML) 41 Page - Renesas Technology Corp |
|
41 / 61 page ![]() R8C/36T-A Group 4. Electrical Characteristics R01DS0055EJ0100 Rev.1.00 Page 41 of 58 Dec 09, 2011 Note: 1. To use the power-on reset function, enable voltage monitor 0 reset by setting the LVDAS bit in the OFS register to 0. Figure 4.3 Power-on Reset Circuit Characteristics Notes: 1. This enables the setting errors of bit rates such as 9600 bps and 38400 bps to be 0% when the serial interface is used in UART mode. 2. This indicates the precision error for the oscillation frequency of the high-speed on-chip oscillator. Table 4.10 Power-On Reset Circuit Characteristics (1) (Measurement conditions: Vcc = 1.8 V to 5.5 V, Topr = 20°C to 85°C (N version)/ 40°C to 85°C (D version)) Symbol Parameter Conditions Standard Unit Min. Typ. Max. trth External power VCC rise gradient 0 ― 50,000 mV/msec Table 4.11 High-Speed On-Chip Oscillator Circuit Characteristics Symbol Parameter Conditions Standard Unit Min. Typ. Max. ― High-speed on-chip oscillator frequency after reset Vcc = 1.8 V to 5.5 V, 20°C Topr 85°C (N version) 40°C Topr 85°C (D version) ― 40 ― MHz High-speed on-chip oscillator frequency when 01b or 10b is written to bits FRA25 and FRA24 in the FRA2 register (1) — 36.864 — MHz High-speed on-chip oscillator frequency when 10b is written to bits FRA25 and FRA24 in the FRA2 register —32— MHz High-speed on-chip oscillator frequency dependence on temperature and power supply voltage (2) 1.5 ― 1.5 % ― Oscillation stability time Vcc = 5.0 V, Topr = 25°C ― 250 ―μs ― Self power consumption at oscillation Vcc = 5.0 V, Topr = 25°C ― 500 ―μA Notes: 1. Vdet0 indicates the voltage detection level of the voltage detection 0 circuit. Refer to the Voltage Detection Circuit chapter of User’s Manual: Hardware for details. 2. tw(por) indicates the duration the external power VCC must be held below the valid voltage (0.5 V) to enable a power-on reset. When turning on the power after it falls with voltage monitor 0 reset disabled, maintain tw(por) for 1 ms or more. Vdet0 (1) 0.5 V Internal reset signal tw(por) (2) Voltage detection 0 circuit response time Vdet0 (1) 1 fOCO-S 32 1 fOCO-S 32 External Power VCC trth trth |
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |