データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R5F2136CSDFA データシート(PDF) 10 Page - Renesas Technology Corp

部品番号 R5F2136CSDFA
部品情報  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSDFA データシート(HTML) 10 Page - Renesas Technology Corp

Back Button R5F2136CSDFA Datasheet HTML 6Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 7Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 8Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 9Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 10Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 11Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 12Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 13Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
R8C/36T-A Group
1. Overview
R01DS0055EJ0100 Rev.1.00
Page 10 of 58
Dec 09, 2011
1.5
Pin Functions
Tables 1.7 and 1.8 list Pin Functions.
Note:
1. Contact the oscillator manufacturer for oscillation characteristics.
Table 1.7
Pin Functions (1)
Item
Pin Name
I/O
Description
Power supply input
VCC, VSS
—
Apply 1.8 V through 5.5 V to the VCC pin.
Apply 0 V to the VSS pin.
Analog power supply
input
AVCC, AVSS
—
Power supply input for the A/D converter.
Connect a capacitor between pins AVCC and AVSS.
Reset input
RESET
I
Applying a low level to this pin resets the MCU.
MODE
MODE
I
Connect this pin to the VCC pin via a resistor.
XIN clock input
XIN
I
I/O for the XIN clock generation circuit.
Connect a ceramic resonator or a crystal oscillator
between pins XIN and XOUT. (1)
To use an external clock, input it to the XIN pin and
leave the XOUT pin open.
XIN clock output
XOUT
I/O
XCIN clock input
XCIN
I
I/O for the XCIN clock generation circuit.
Connect a crystal oscillator between pins XCIN and
XCOUT. (1)
To use an external clock, input it to the XCOUT pin and
leave the XCIN pin open.
XCIN clock output
XCOUT
I/O
INT interrupt input
INT0 to INT4
I
INT interrupt input.
Key input interrupt
KI0 to KI3
I
Key input interrupt input.
Timer RJ_0
TRJIO_0
I/O
Input/output for timer RJ.
TRJO_0
O
Output for timer RJ.
Timer RB2_0
TRBO_0
O
Output for timer RB2.
Timer RC_0
TRCCLK_0
I
External clock input.
TRCTRG_0
I
External trigger input.
TRCIOA_0, TRCIOB_0,
TRCIOC_0, TRCIOD_0
I/O
Input/output for timer RC.
Timer RE2
TMRE2O
O
Divided clock output.
Serial interface
(UART0)
CLK_0, CLK_1
I/O
Transfer clock input/output.
RXD_0, RXD_1
I
Serial data input.
TXD_0, TXD_1
O
Serial data output.
Serial interface
(UART2)
CTS2
I
Input for transmission control.
RTS2
O
Output for reception control.
SCL2
I/O
I2C mode clock input/output.
SDA2
I/O
I2C mode data input/output.
RXD2
I
Serial data input.
TXD2
O
Serial data output.
CLK2
I/O
Transfer clock input/output.
Synchronous serial
communication unit
(SSU_0)
SSI_0
I/O
Data input/output.
SCS_0
I/O
Chip-select input/output.
SSCK_0
I/O
Clock input/output.
SSO_0
I/O
Data input/output.
I2C bus (I2C_0)
SCL_0
I/O
Clock input/output.
SDA_0
I/O
Data input/output.
Reference voltage
input
VREF
I
Reference voltage input for the A/D converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com