データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4253 データシート(PDF) 17 Page - STMicroelectronics

部品番号 AN4253
部品情報  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 データシート(HTML) 17 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 13Page - STMicroelectronics AN4253 Datasheet HTML 14Page - STMicroelectronics AN4253 Datasheet HTML 15Page - STMicroelectronics AN4253 Datasheet HTML 16Page - STMicroelectronics AN4253 Datasheet HTML 17Page - STMicroelectronics AN4253 Datasheet HTML 18Page - STMicroelectronics AN4253 Datasheet HTML 19Page - STMicroelectronics AN4253 Datasheet HTML 20Page - STMicroelectronics AN4253 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
DocID024255 Rev 2
17/44
AN4253
RGM block
5.6.1
Code sequence
1.
Write ‘1’s to RGM base address 0xC3FE4000
5.7
RGM fault handler
If the functional reset was unexpected, the next steps depends on the application.
Unexpected reset always means a sudden critical problem that had happened in the
microcontroller.
Some of the possibilities of next steps are:
•
Continue as it would be destructive reset with complete initialization
•
Generate a destructive reset to run STCU built in self tests again to check if there is no
new fault present in the microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44