データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4253 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN4253
部品情報  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 17Page - STMicroelectronics AN4253 Datasheet HTML 18Page - STMicroelectronics AN4253 Datasheet HTML 19Page - STMicroelectronics AN4253 Datasheet HTML 20Page - STMicroelectronics AN4253 Datasheet HTML 21Page - STMicroelectronics AN4253 Datasheet HTML 22Page - STMicroelectronics AN4253 Datasheet HTML 23Page - STMicroelectronics AN4253 Datasheet HTML 24Page - STMicroelectronics AN4253 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
DocID024255 Rev 2
21/44
AN4253
HW resource initialization
7
HW resource initialization
Figure 9. Flow of the "Initialization of backbone hardware resources" phase
This block is responsible for the initialization of the hardware resources that have an impact
on startup time, like optimizing the flash access time, initialization of the core cache, setting
up clock subsystem etc.
Anything that does not have an impact on the startup should be left on the application
startup executed later on.
7.1
AIPS protection
AIPS protection is a feature implemented in a peripheral bridge module to control access
rights of bus masters accessing peripheral modules.
Figure 10. AIPS block scheme
7.1.1
Default reset configuration
•
Core_0/1
Both are privileged and trusted to access peripherals.
•
DMA,Flexray
Not privileged, forced to an user mode. They cannot access peripheral
memory space without modification of AIPS configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44