データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4253 データシート(PDF) 20 Page - STMicroelectronics

部品番号 AN4253
部品情報  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 データシート(HTML) 20 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 16Page - STMicroelectronics AN4253 Datasheet HTML 17Page - STMicroelectronics AN4253 Datasheet HTML 18Page - STMicroelectronics AN4253 Datasheet HTML 19Page - STMicroelectronics AN4253 Datasheet HTML 20Page - STMicroelectronics AN4253 Datasheet HTML 21Page - STMicroelectronics AN4253 Datasheet HTML 22Page - STMicroelectronics AN4253 Datasheet HTML 23Page - STMicroelectronics AN4253 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Safe mode block
AN4253
20/44
DocID024255 Rev 2
In such case the decision for the next steps is user specific. Some possibilities can be:
•
Go back to FCCU step to re-run again through FCCU and RGM blocks.
•
Force the reset to start the device from the very beginning of HW reset initialization,
which might be appropriate if the transition failure was because of undefined temporary
fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44