データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4356 データシート(PDF) 12 Page - STMicroelectronics

部品番号 AN4356
部品情報  Antenna desense on handheld equipment
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4356 データシート(HTML) 12 Page - STMicroelectronics

Back Button AN4356 Datasheet HTML 6Page - STMicroelectronics AN4356 Datasheet HTML 7Page - STMicroelectronics AN4356 Datasheet HTML 8Page - STMicroelectronics AN4356 Datasheet HTML 9Page - STMicroelectronics AN4356 Datasheet HTML 10Page - STMicroelectronics AN4356 Datasheet HTML 11Page - STMicroelectronics AN4356 Datasheet HTML 12Page - STMicroelectronics AN4356 Datasheet HTML 13Page - STMicroelectronics AN4356 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Conclusion
AN4356
12/14
DocID025260 Rev 1
3
Conclusion
Losing sensitivity due to EMI is not unusual, especially in handheld device such as phones
or tablets using long flex able to radiate a lot of noise.
Maintaining a low sensitivity level during reception is a key point on these applications to
ensure their qualification and to keep good reliability results.
Common mode filters are the suitable devices to guard against this issue. But they must be
chosen correctly regarding the various application constraints such as attenuation level in
the right frequency bands, frequency bandwidth, even in common mode than in differential
mode.
STMicroelectronics presents a wide range of devices dedicated to each application,
allowing adaptation to the application needs, integrating functions not supported by discrete
devices, reducing PCB surface and improving assembly costs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14