データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4356 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN4356
部品情報  Antenna desense on handheld equipment
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4356 データシート(HTML) 5 Page - STMicroelectronics

  AN4356 Datasheet HTML 1Page - STMicroelectronics AN4356 Datasheet HTML 2Page - STMicroelectronics AN4356 Datasheet HTML 3Page - STMicroelectronics AN4356 Datasheet HTML 4Page - STMicroelectronics AN4356 Datasheet HTML 5Page - STMicroelectronics AN4356 Datasheet HTML 6Page - STMicroelectronics AN4356 Datasheet HTML 7Page - STMicroelectronics AN4356 Datasheet HTML 8Page - STMicroelectronics AN4356 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DocID025260 Rev 1
5/14
AN4356
EMI and noise issues
14
Figure 6 shows the spectral content of the USB2.0 signal. We can observe the carrier
frequency and its harmonics. It is interesting to notice that the first one is in the range of
frequencies used in mobile applications, such as 960 MHz, Rx band GSM960 (959.8 MHz).
The second one is near GPS frequency at 1.575 GHz.
Figure 6. Spectral content of a USB2.0 link without and with skew
The noise amplitude, and therefore its bad effects on the equipment, will depend on the
PCB layout and the proximity of the sensitive parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com