データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4356 データシート(PDF) 2 Page - STMicroelectronics

部品番号 AN4356
部品情報  Antenna desense on handheld equipment
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4356 データシート(HTML) 2 Page - STMicroelectronics

  AN4356 Datasheet HTML 1Page - STMicroelectronics AN4356 Datasheet HTML 2Page - STMicroelectronics AN4356 Datasheet HTML 3Page - STMicroelectronics AN4356 Datasheet HTML 4Page - STMicroelectronics AN4356 Datasheet HTML 5Page - STMicroelectronics AN4356 Datasheet HTML 6Page - STMicroelectronics AN4356 Datasheet HTML 7Page - STMicroelectronics AN4356 Datasheet HTML 8Page - STMicroelectronics AN4356 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EMI and noise issues
AN4356
2/14
DocID025260 Rev 1
1
EMI and noise issues
Inside handheld applications the different subsets talk together or with the exterior world
using various links (Figure 1).
Figure 1. Handheld equipment schematic
Standards used in mobile applications present high data rates. Here are some examples of
speeds per data lane:
•
MIPI D-PHY up to 1 Gbps
•
HDMI 1.4 up to 3.35 Gbps
•
MHL 1.0 up to 2.25 Gbps
•
Display Port 1.2 up to 2.7 Gbps
•
USB 2.0 up to 480 Mbps
•
SD 4.0 up to 3.6 Gbps
RF
GSM, WCDMA, etc.
LCD
Communication
processor
Application processor
Display controller
Camera module
Memory card
USB
HDMI
MHL
Internal links
External links



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com