データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3063 データシート(PDF) 7 Page - STMicroelectronics

部品番号 AN3063
部品情報  100 W transition-mode PFC pre-regulator with the L6563H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3063 データシート(HTML) 7 Page - STMicroelectronics

Back Button AN3063 Datasheet HTML 3Page - STMicroelectronics AN3063 Datasheet HTML 4Page - STMicroelectronics AN3063 Datasheet HTML 5Page - STMicroelectronics AN3063 Datasheet HTML 6Page - STMicroelectronics AN3063 Datasheet HTML 7Page - STMicroelectronics AN3063 Datasheet HTML 8Page - STMicroelectronics AN3063 Datasheet HTML 9Page - STMicroelectronics AN3063 Datasheet HTML 10Page - STMicroelectronics AN3063 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
3
Bill of material
Table 1.
EVL6563H-100W TM PFC demonstration board bill of material
Des.
Part type/part value
Case/package
Description
Supplier
C1
470N
DWG
X2 - FLM CAP - R46-I 3470--M1-
ARCOTRONICS
C4
470N
DWG
X2 - FLM CAP - R46-I 3470--M1-
ARCOTRONICS
C2
2N2
DWG
Y1 - SAFETY CAP. DE1E3KX222M
muRata
C3
2N2
DWG
Y1 - SAFETY CAP. DE1E3KX222M
muRata
C5
470N - 400 V
DWG
400 V - FLM CAP - B32653A4474
EPCOS
C6
47 µF - 450 V
Dia. 18 x 31.5 mm
450 V - aluminium elcap - ED SERIES - 105°C
NIPPON CHEMI-CON
C7
4N7
1206
100 V cercap - general purpose
AVX
C8
680N
1206
25 V cercap - general purpose
AVX
C9
68N
0805
50 V cercap - general purpose
AVX
C10
100N
1206
50 V cercap - general purpose
AVX
C11
47 µF-50 V
Dia. 5 x 10 mm
50 V - aluminium elcap - YXF series - 105°C
Rubycon
C12
2N2
1206
50 V cercap - general purpose
AVX
C16
2N2
1206
50 V cercap - general purpose
AVX
C13
1 µF
0805
25 V cercap - general purpose
AVX
C14
2N2
0805
50 V cercap- general purpose
AVX
C15
220 pF
0805
50 V cercap - general purpose
AVX
D1
GBU4J
STYLE GBU - DWG
Single phase bridge rectifier
VISHAY
D2
1N4005
DO - 41
Rectifier - general purpose
VISHAY
D3
STTH2L06
DO - 41
Ultrafast high-voltage rectifier
STMicroelectronics
D4
LL4148
MINIMELF
High-speed signal diode
VISHAY
D5
BZX79-C18
DO - 35
Zener diode
VISHAY
D6
N.M.
MINIMELF
Not mounted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com