データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3063 データシート(PDF) 3 Page - STMicroelectronics

部品番号 AN3063
部品情報  100 W transition-mode PFC pre-regulator with the L6563H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3063 データシート(HTML) 3 Page - STMicroelectronics

  AN3063 Datasheet HTML 1Page - STMicroelectronics AN3063 Datasheet HTML 2Page - STMicroelectronics AN3063 Datasheet HTML 3Page - STMicroelectronics AN3063 Datasheet HTML 4Page - STMicroelectronics AN3063 Datasheet HTML 5Page - STMicroelectronics AN3063 Datasheet HTML 6Page - STMicroelectronics AN3063 Datasheet HTML 7Page - STMicroelectronics AN3063 Datasheet HTML 8Page - STMicroelectronics AN3063 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AN3063
List of figures
Doc ID 16261 Rev 3
3/33
List of figures
Figure 1.
EVL6563H-100W: L6563H 100 W TM PFC demonstration board . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
EVL6563H-100W TM PFC demonstration board electrical schematic . . . . . . . . . . . . . . . . . 6
Figure 3.
EVL6563H-100W TM PFC: compliance to EN61000-3-2 standard . . . . . . . . . . . . . . . . . . 10
Figure 4.
EVL6563H-100W TM PFC: compliance to JEITA-MITI standard . . . . . . . . . . . . . . . . . . . . 10
Figure 5.
EVL6563H-100W TM PFC: input current waveform at 230 V, 50 Hz, 100 W load . . . . . . . 11
Figure 6.
EVL6563H-100W TM PFC: input current waveform at 100 V, 50 Hz, 100 W load . . . . . . . 11
Figure 7.
EVL6563H-100W TM PFC: power factor vs. output power . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 8.
EVL6563H-100W TM PFC: THD vs. output power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 9.
EVL6563H-100W TM PFC: efficiency vs. output power . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 10.
EVL6563H-100W TM PFC: average efficiency acc. to ES-2 . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 11.
EVL6563H-100W TM PFC: static Vout regulation vs. output power. . . . . . . . . . . . . . . . . . 12
Figure 12.
EVL6563H-100W TM PFC: Vds and inductor current at 100 Vac, 50 Hz, full load . . . . . . 13
Figure 13.
EVL6563H-100W TM PFC: Vds and inductor current at 100 Vac, 50 Hz, full load (detail) 13
Figure 14.
EVL6563H-100W TM PFC: Vds and inductor current at 230 Vac, 50 Hz, full load . . . . . . 14
Figure 15.
EVL6563H-100W TM PFC: Vds and inductor current at 230 Vac, 50 Hz, full load (detail) 14
Figure 16.
EVL6563H-100W TM PFC: Vds and inductor current at 100 Vac, 50 Hz, full load . . . . . . 15
Figure 17.
EVL6563H-100W TM PFC: Vds and inductor current at 230 Vac, 50 Hz, full load . . . . . . 15
Figure 18.
L6562A input mains surge 90 Vac to 140 Vac, no VFF input . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 19.
EVL6563H-100W TM PFC: input mains surge 90 Vac to 140 Vac. . . . . . . . . . . . . . . . . . . 16
Figure 20.
L6562A input mains dip 140 Vac to 90 Vac, no VFF input . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 21.
EVL6563H-100W TM PFC: input mains dip 140 Vac to 90 Vac . . . . . . . . . . . . . . . . . . . . . 17
Figure 22.
L6563 input current at 100 Vac, 50 Hz, CFF = 0.47 µF, RFF = 390 k
Ω . . . . . . . . . . . . . . . 18
Figure 23.
EVL6563H-100W TM PFC: input current at 100 Vac - 50 Hz , CFF = 1 µF, RFF = 1 M
Ω . 18
Figure 24.
EVL6563H-100W startup attempt at 80 Vac, 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 25.
EVL6563H-100W startup with slow input voltage increasing, full load . . . . . . . . . . . . . . . 19
Figure 26.
EVL6533H-100W turn-off with slow input voltage decreasing, full load . . . . . . . . . . . . . . . 19
Figure 27.
EVL6563H-100W startup at 90 Vac, 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 28.
EVL6533H-100W startup at 265 Vac, 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 29.
EVL6563H-100W load transient at 115 Vac, 60 Hz, full load to no load . . . . . . . . . . . . . . 22
Figure 30.
EVL6563H-100W open loop at 115 Vac, 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 31.
EVL6563H-100W open loop at 115 Vac, 60 Hz, full load, long acquisition . . . . . . . . . . . . 22
Figure 32.
EVL6563H on/off control by a cascaded converter controller via the PFC_OK or RUN pin 24
Figure 33.
Interface circuits that let the L6563H switch on or off a PWM controller, not latched . . . . . 24
Figure 34.
Interface circuits that let the L6563H switch on or off a PWM controller, latched . . . . . . . . 24
Figure 35.
EVL6563H-100W PCB layout (SMT side view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 36.
EVL6563H-100W CE peak measurement at 100 Vac, 50 Hz, full load phase . . . . . . . . . . 27
Figure 37.
EVL6563H-100W CE peak measurement at 100 Vac, 50 Hz, full load, neutral . . . . . . . . 27
Figure 38.
EVL6563H-100W CE peak measurement at 230 Vac, 50 Hz, full load, phase . . . . . . . . . 28
Figure 39.
EVL6563H-100W CE peak measurement at 230 Vac, 50 Hz, full load, neutral . . . . . . . . 28
Figure 40.
Electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 41.
Top view . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com