データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC1258 データシート(PDF) 1 Page - Linear Technology

部品番号 LTC1258
部品情報  Micropower Low Dropout References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC1258 データシート(HTML) 1 Page - Linear Technology

  LTC1258 Datasheet HTML 1Page - Linear Technology LTC1258 Datasheet HTML 2Page - Linear Technology LTC1258 Datasheet HTML 3Page - Linear Technology LTC1258 Datasheet HTML 4Page - Linear Technology LTC1258 Datasheet HTML 5Page - Linear Technology LTC1258 Datasheet HTML 6Page - Linear Technology LTC1258 Datasheet HTML 7Page - Linear Technology LTC1258 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC1258 Series
1
1258sfb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Micropower Low
Dropout References
The LTC
®1258/LTC1258-2.5/LTC1258-3/LTC1258-4.1/
LTC1258-5 are micropower bandgap references that
combine high accuracy and low drift with very low sup-
ply current and small package size. The combination of
ultralow quiescent current and low dropout voltage of only
200mV maximum makes them ideal for battery-powered
equipment. The output voltage is set by an external resistor
divider for the adjustable LTC1258.
This series of references uses curvature compensation to
obtain low temperature coefficient and trimmed thin-film
resistors to achieve high output accuracy. These references
can source up to 10mA and sink up to 2mA, making them
ideal for precision regulator applications. They are stable
without an output bypass capacitor, but are also stable
with capacitance up to 1μF. This feature is important in
critical applications where PC board space is a premium
and fast settling is demanded.
The LTC1258 series references provide power dissipation
advantages over shunt references. In addition to supply
current, shunt references must also idle the entire load
current to operate.
The LTC1258 series is available in the 8-pin MSOP and
SO packages.
2.5V Battery-Powered Reference
n 200mV Max Dropout at 10mA Output Current
n 4μA Typical Quiescent Current
n 0.15% Max Initial Accuracy (S8)
n No Output Capacitor Required
n Output Sources 10mA, Sinks 2mA
n 40ppm/°C Max Drift (S8)
n Voltage Options: 2.5V, 3V, 4.1V, 5V and Adjustable
n Available in Small MSOP Package
n Battery-Powered Systems
n Handheld Instruments
n Precision Power Supplies
n A/D and D/A Converters
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
LTC1258-2.5 Temperature Drift
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
1258 TA02
4
3
2
1
–2
–1
–3
–4
0
LTC1258-2.5
OUT
IN
GND
4
2
2.7V
TO 12.6V
1
2.5V
1258 TA01
0.1μF


同様の部品番号 - LTC1258

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
Micropower Low Dropout References
LTC1258CMS8 LINER-LTC1258CMS8 Datasheet
151Kb / 8P
Micropower Low Dropout References
LTC1258CMS8-2.5 LINER-LTC1258CMS8-2.5 Datasheet
151Kb / 8P
Micropower Low Dropout References
LTC1258CMS8-3 LINER-LTC1258CMS8-3 Datasheet
151Kb / 8P
Micropower Low Dropout References
LTC1258CMS8-4.1 LINER-LTC1258CMS8-4.1 Datasheet
151Kb / 8P
Micropower Low Dropout References
More results

同様の説明 - LTC1258

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
1/03-Data Sheet changed from REV. D to REV. E.
REF19X AD-REF19X Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Linear Technology
LTC1798 LINER-LTC1798 Datasheet
152Kb / 8P
Micropower Low Dropout References
LTC1798 LINER-LTC1798_15 Datasheet
881Kb / 10P
Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com