データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC1258 データシート(PDF) 3 Page - Linear Technology

部品番号 LTC1258
部品情報  Micropower Low Dropout References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC1258 データシート(HTML) 3 Page - Linear Technology

  LTC1258 Datasheet HTML 1Page - Linear Technology LTC1258 Datasheet HTML 2Page - Linear Technology LTC1258 Datasheet HTML 3Page - Linear Technology LTC1258 Datasheet HTML 4Page - Linear Technology LTC1258 Datasheet HTML 5Page - Linear Technology LTC1258 Datasheet HTML 6Page - Linear Technology LTC1258 Datasheet HTML 7Page - Linear Technology LTC1258 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC1258 Series
3
1258sfb
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
l
12.6
V
IIN
Input Current
FB = OUT for LTC1258
l
4
6.5
8.5
μA
μA
VOUT
Output Voltage (Note 4)
LTC1258 (S8), FB = OUT
LTC1258-2.5 (S8)
LTC1258-3 (S8)
LTC1258-4.1 (S8)
LTC1258-5 (S8)
LTC1258 (MS8), FB = OUT
LTC1258-2.5 (MS8)
LTC1258-3 (MS8)
LTC1258-4.1 (MS8)
LTC1258-5 (MS8)
2.3755
2.4963
2.9955
4.090
4.9925
2.374
2.4948
2.994
4.0885
4.991
2.385
2.5
3
4.096
5
2.385
2.5
3
4.096
5
2.3945
2.5037
3.0045
4.102
5.0075
2.396
2.5052
3.006
4.1035
5.009
V
V
V
V
V
V
V
V
V
V
en
Output Voltage Noise (Note 5)
0.1Hz ≤ f ≤ 10Hz
8
ppmP-P
TC
Output Voltage Temp Coefficient (Note 6)
TMIN ≤ TJ ≤ TMAX (S8)
TMIN ≤ TJ ≤ TMAX (MS8)
l
l
15
40
60
ppm/°C
ppm/°C
VOUT/VIN
Line Regulation
VIN = (VOUT(NOMINAL) + 0.2V) to 12.6V
l
30
120
ppm/V
VOUT/IOUT
Load Regulation (Note 7)
Sourcing 0mA to 10mA
l
0.1
0.3
mV/mA
Sinking 0mA to 2mA
l
1.75
4.0
6.5
mV/mA
mV/mA
ISC
Short-Circuit Output Current
VOUT Shorted to GND
VOUT Shorted to VIN
20
2
40
4
mA
mA
ΔVDO
Dropout Voltage (Note 8)
IOUT = 0, ΔVOUT ≤ 0.1%
IOUT = 10mA, ΔVOUT ≤ 0.1%
l
l
100
200
mV
mV
VHYST
Output Hysteresis (Note 9)
ΔT = –40°C to 85°C
ΔT = 0°C to 70°C
200
50
ppm
ppm
IFB
FB Pin Input Current
LTC1258, OUT = FB
10
nA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT(NOMINAL) + 0.2V, IOUT = 0mA, FB = OUT for the LTC1258 unless
otherwise noted.
OUTPUT
VOLTAGE
(V)
TEMPERATURE
RANGE
(°C)
ACCURACY
(%)
TEMPERATURE
COEFFICENT
(ppm/°C)
PACKAGE TYPE
SO-8 (S8)
MSOP-8 (MS8)
ORDER NUMBER
PART MARKING
ORDER NUMBER
PART MARKING
2.5
2.5
0 to 70
0 to 70
0.15
0.21
40
60
LTC1258CS8-2.5
12582
LTC1258CMS8-2.5
LTCF
3
3
0 to 70
0 to 70
0.15
0.20
40
60
LTC1258CS8-3
12583
LTC1258CMS8-3
LTEU
4.096
4.096
0 to 70
0 to 70
0.15
0.18
40
60
LTC1258CS8-4.1
125841
LTC1258CMS8-4.1
LTEN
5
5
0 to 70
0 to 70
0.15
0.18
40
60
LTC1258CS8-5
12585
LTC1258CMS8-5
LTEM
OBSOLETE
Adjustable
Adjustable
0 to 70
0 to 70
0.4
0.46
40
60
LTC1258CS8
1258
LTC1258CMS8
LTEL
AVAILABLE OPTIONS
Note 2: The LTC1258 is guaranteed functional over the operating
temperature range of –40°C to 100°C.
Note 3: If the part is stored outside of the specified operating temperature
range, the output may shift due to hysteresis.



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com