データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC1258 データシート(PDF) 5 Page - Linear Technology

部品番号 LTC1258
部品情報  Micropower Low Dropout References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC1258 データシート(HTML) 5 Page - Linear Technology

  LTC1258 Datasheet HTML 1Page - Linear Technology LTC1258 Datasheet HTML 2Page - Linear Technology LTC1258 Datasheet HTML 3Page - Linear Technology LTC1258 Datasheet HTML 4Page - Linear Technology LTC1258 Datasheet HTML 5Page - Linear Technology LTC1258 Datasheet HTML 6Page - Linear Technology LTC1258 Datasheet HTML 7Page - Linear Technology LTC1258 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LTC1258 Series
5
1258sfb
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1258-2.5 Output Voltage vs
Input Voltage
LTC1258-2.5 Input Current vs
Input Voltage
LTC1258-2.5 PSRR vs Frequency
LTC1258-2.5 0.1Hz to 10Hz Noise
LTC1258-5 Input Current vs Input
Voltage in Dropout
LTC1258-2.5 Input Current vs
Input Voltage in Dropout
INPUT VOLTAGE (V)
2
2.5010
2.5005
2.5000
2.4995
4
68
10
1258 G07
12
14
TA = 25°C
INPUT VOLTAGE (V)
2
7
6
5
4
4
68
10
1258 G08
12
14
TA = 25°C
FREQUENCY (Hz)
60
50
40
30
20
10
0
10
1k
10k
1258 G09
100
VIN = 2.7V
5μV/DIV
1258 G10
1SEC/DIV
VIN = 2.7V
INPUT VOLTAGE (V)
0123456789
10
1258 G11
1400
1200
1000
800
600
400
200
0
TA = –55°C
TA = 25°C
TA = 125°C
INPUT VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1258 G12
250
200
150
100
50
0
TA = 25°C
TA = –55°C
TA = 125°C
PIN FUNCTIONS
OUT (Pin 1): Reference Output. The output can source
up to 10mA and sink up to 2mA. It is stable with output
bypass capacitor ranging from 0μF to 1μF.
IN (Pin 2): Positive Supply. Bypassing with a 0.1μF ca-
pacitor is recommended if the output loading changes.
(VOUT + 0.2V) ≤ VIN ≤ 12.6V.
DNC (Pin 3): (LTC1258-2.5/LTC1258-3/LTC1258-4.1/
LTC1258-5) Do Not Connect. Connected internally for post
package trim. This pin must be left unconnected.
FB (Pin 3): (LT1258) Resistor Divider Feedback Pin. Con-
nect a resistor divider from OUT to GND and the center
tap to FB. This pin sets the output potential.
VV
RR
R
OUT =
+
⎝⎜
⎠⎟
2 385
12
2
.;R1 is connected from OUT to
FB and R2 from FB to GND.
GND (Pin 4): Negative Supply or Ground Connection.
DNC (Pins 5, 6, 7, 8): Do Not Connect. Connected in-
ternally for post package trim. These pins must be left
unconnected.



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com