データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1691 データシート(PDF) 33 Page - STMicroelectronics

部品番号 UM1691
部品情報  The EVAL6470H-DISC can be used together
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1691 データシート(HTML) 33 Page - STMicroelectronics

Back Button UM1691 Datasheet HTML 29Page - STMicroelectronics UM1691 Datasheet HTML 30Page - STMicroelectronics UM1691 Datasheet HTML 31Page - STMicroelectronics UM1691 Datasheet HTML 32Page - STMicroelectronics UM1691 Datasheet HTML 33Page - STMicroelectronics UM1691 Datasheet HTML 34Page - STMicroelectronics UM1691 Datasheet HTML 35Page - STMicroelectronics UM1691 Datasheet HTML 36Page - STMicroelectronics UM1691 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
DocID025486 Rev 2
33/41
UM1691
General description
41
4.5.2
Parameters exportation from the GUI to the FW library
Once you have customized the L6470 parameters with the GUI, you can export them to
a header file in order to use it with the FW library.
In this purpose:
1.
Press the “header file” button on the main window of the GUI.
Figure 27. Parameters exportation
2.
Replace the existing “dspin_config.h” of your current FW library by the new one.
Figure 28. Parameters exportation (save file)
3.
Then you only need to recompile your project as usual to use the exported parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41