データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1691 データシート(PDF) 40 Page - STMicroelectronics

部品番号 UM1691
部品情報  The EVAL6470H-DISC can be used together
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1691 データシート(HTML) 40 Page - STMicroelectronics

Back Button UM1691 Datasheet HTML 33Page - STMicroelectronics UM1691 Datasheet HTML 34Page - STMicroelectronics UM1691 Datasheet HTML 35Page - STMicroelectronics UM1691 Datasheet HTML 36Page - STMicroelectronics UM1691 Datasheet HTML 37Page - STMicroelectronics UM1691 Datasheet HTML 38Page - STMicroelectronics UM1691 Datasheet HTML 39Page - STMicroelectronics UM1691 Datasheet HTML 40Page - STMicroelectronics UM1691 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
References
UM1691
40/41
DocID025486 Rev 2
5
References
This user manual provides information on the hardware features and use of the
EVAL6470H-DISC board along with the demonstration firmware and software. For
additional information, refer to the following:
1.
STM32F105xx/STM32F107xx datasheet (CD00220364)
2.
STM32F101xx, STM32F102xx, STM32F103xx, STM32F105xx and STM32F107xx
advanced ARM®-based 32-bit MCUs reference manual (RM0008)
3.
Voltage mode control operation and parameter optimization application note (AN4144)
4.
L6470 and L6472: fully integrated stepper motor drivers (AN4241)
5.
L647x, L648x and powerSTEP01 family communication protocol (AN4290).
6
Revision history
Table 4. Document revision history
Date
Revision
Changes
29-Nov-2013
1
Initial release.
17-Apr-2015
2
Updated Section : Introduction on page 1 (replaced
“L6470H” by “L6470”).
Removed Figure 5. Layout (silk screen) from page 9.
Replaced “dSPIN” by “L6470” and/or “motor” in the
whole document.
Updated Table 2 on page 9 and Section 4.2.1 on page
13 (replaced “L6470H” by “L6470”).
Updated Table 3 on page 13 (minor modifications).
Updated Section 4.5.1 on page 24 (replaced
“FWPSPIN” by “FWGUI”).
Updated text above Figure 24 on page 30 (removed
L6472 device step).
Updated Section 4.5.2 on page 33 and Section 4.6.2 on
page 34 (removed L6472 device).
Updated 20. in Section : Various application command
examples on page 37 (minor modifications).
Updated 1., 2., 4., and 5. in Section 5 on page 40.
Minor modifications throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41