| データシートサーチシステム |
|
UM1691 データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1691 データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 41 page ![]() DocID025486 Rev 2 39/41 UM1691 General description 41 4.6.4 Create a project using the FW library package Using your preferred IDE, create a new project. In project options, properties or settings, Select for the device, the ST STM32F105xB. Use the CMSIS library. Edit the preprocessor defined symbols and add: STM32F10X_CL USE_STDPERIPH_DRIVER ST_DSPIN_6470H_DISCOVERY Edit the preprocessor include directories and add: $PROJ_DIR$\…\…\…\…\…\…\stm32f10x\CMSIS\CM3\DeviceSupport\ST\STM32F10x $PROJ_DIR$\…\.…\…\…\…\…\stm32f10x\STM32F10x_StdPeriph_Driver\inc $PROJ_DIR$\…\…\…\…\…\dspin\inc Where $PROJ_DIR$ is a variable containing the path to the project directory. Add the required library source files: startup_stm32f10x_cl.s system_stm32f10x.c misc.c stm32f10x_exti.c stm32f10x_flash.c stm32f10x_gpio.c stm32f10x_rcc.c stm32f10x_spi.c stm32f10x_tim.c For the debugger, for example, select the ST-LINK and configure it to run to main, to verify download, to use the Flash loader and to override the default *.board file with the FlashSTM32F105xB.board. |