データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN441 データシート(PDF) 12 Page - STMicroelectronics

部品番号 AN441
部品情報  Inductive load control with AC switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN441 データシート(HTML) 12 Page - STMicroelectronics

Back Button AN441 Datasheet HTML 8Page - STMicroelectronics AN441 Datasheet HTML 9Page - STMicroelectronics AN441 Datasheet HTML 10Page - STMicroelectronics AN441 Datasheet HTML 11Page - STMicroelectronics AN441 Datasheet HTML 12Page - STMicroelectronics AN441 Datasheet HTML 13Page - STMicroelectronics AN441 Datasheet HTML 14Page - STMicroelectronics AN441 Datasheet HTML 15Page - STMicroelectronics AN441 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Conclusion
AN441
12/16
Doc ID 3579 Rev 3
4
Conclusion
AC switches are widely used to drive inductive loads. With inductive loads, triggering
synchronization with line voltage has a high impact on the inrush peak current and needs to
be controlled to minimize the first peak current and reduce the maximum junction
temperature.
Peak-voltage triggering or soft start solution allows inrush current reduction and the
maximum junction temperature to be considerably reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16