| データシートサーチシステム |
|
AN441 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN441 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 16 page ![]() Reasons for inrush current in inductive loads AN441 2/16 Doc ID 3579 Rev 3 1 Reasons for inrush current in inductive loads 1.1 Inrush current due to inductive load behavior Many inductive loads are controlled in full-wave mode. This is the case of valves, pumps, compressors, etc. For these loads, the inrush current greatly depends on turn-on delay at start-up. We do not consider, in this section, the effect of magnetic circuit saturation that could also lead to inrush current increase. Refer to Section 1.2 for this point. A typical inductive load, controlled by an AC switch, can be simulated using a standard RL circuit (Figure 1). Figure 1. Inductive load control with Triac According to Figure 1, the AC load current i(t) is define by Equation 1. Equation 1 Considering the circuit in sinusoidal full-wave mode, with turn on at zero mains voltage, the value of inrush current is: Equation 2 In case of a delay applied between zero voltage and Triac triggering in the first half-cycle (assuming following cycles are in full-wave mode), the value of inrush current is: Equation 3 Where t0 is the triggering delay at the first turn on R T V MAIN L i(t) u(t) dt (t) di L (t) R·i u(t) + = () () () ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ ω + ω ω − ω + ω = − t · ·sin R t · ·cos · L ·e L· · R · L 2 U i(t) t · L R 2 2 RMS () () () () () () ( ) () ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ + ω + + ω ω ω − ω ω + ω = − 0 0 t · L R 0 0 2 2 RMS 0 t t · ·sin R t t · ·cos · L - ·e t · ·sin R t · ·cos · L · R · L 2 U ) t i(t, |