データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN441 データシート(PDF) 14 Page - STMicroelectronics

部品番号 AN441
部品情報  Inductive load control with AC switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN441 データシート(HTML) 14 Page - STMicroelectronics

Back Button AN441 Datasheet HTML 8Page - STMicroelectronics AN441 Datasheet HTML 9Page - STMicroelectronics AN441 Datasheet HTML 10Page - STMicroelectronics AN441 Datasheet HTML 11Page - STMicroelectronics AN441 Datasheet HTML 12Page - STMicroelectronics AN441 Datasheet HTML 13Page - STMicroelectronics AN441 Datasheet HTML 14Page - STMicroelectronics AN441 Datasheet HTML 15Page - STMicroelectronics AN441 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
BMAX calculation for remanent induction
AN441
14/16
Doc ID 3579 Rev 3
Case 2
Winding is switched on whereas a remanent negative induction remains on magnetic core.
According to Equation 8, for t = 0, we have then:
Equation 11
So
Equation 12
So the maximum induction will be: BMAX = 2·Bn - Br
Figure 12 shows the maximum induction difference between two triggering methods
according to previous remanent induction.
When the first half-cycle conduction is the same polarity as the previous one, the induction
reaches a maximum which can be the double of the induction when triggering in reverse
polarity compared to remanent induction.
In the first case saturation can be reached very rapidly and the load behaves like a short
circuit. The peak current is limited only by the series resistance of the load.
Such phenomenon mainly occurs with transformers where the remanent induction can be
very high.
Figure 12.
Induction at beginning of conduction according to remanent induction
r
n
0
r
0
n
B
B
B
B
B
B
B(0)
−
=
→
−
=
+
−
=
r
B
n
B
)
2
ð
t
·sin(
ù
n
B
B(t)
−
+
−
=
⇒



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16