データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN910 データシート(PDF) 4 Page - STMicroelectronics

部品番号 AN910
部品情報  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 データシート(HTML) 4 Page - STMicroelectronics

  AN910 Datasheet HTML 1Page - STMicroelectronics AN910 Datasheet HTML 2Page - STMicroelectronics AN910 Datasheet HTML 3Page - STMicroelectronics AN910 Datasheet HTML 4Page - STMicroelectronics AN910 Datasheet HTML 5Page - STMicroelectronics AN910 Datasheet HTML 6Page - STMicroelectronics AN910 Datasheet HTML 7Page - STMicroelectronics AN910 Datasheet HTML 8Page - STMicroelectronics AN910 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
4/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
3 BENCHMARK RESULTS
3.1 CORE COMPUTING PERFORMANCE
The two following charts show benchmark results for computing performance. Execution time
and code size are presented as global ratios taken the ST9+ as reference.
Preliminary ratios have been calculated for each test. Using those results, a global execution
time ratio and a global code size ratio have been calculated as an average of all ratios. As all
the tests could not have been implemented on all MCUs (see <Italic>9.2.2 Memory
considerations<Italic end>), one or two different results are presented for each MCU. The
first one, available for all the MCUs, has been calculated with the reduced set of tests
performed on all the MCUs. The second one, only available for some MCUs, has been
calculated with the full set of tests.
Refer to section 6 for complete results. Refer to section 9 for measurement proceeding and
calculation description.
Figure 1. presents execution time ratios and Figure 2. shows code size ratios.
Notes: The reduced set of tests is composed of:
string, char, bubble(10 words), blkmov(64 bytes), convert, 16mul, shright, bitrst
The full set of tests is composed of:
string, char, bubble(10 words), blkmov(64 bytes), convert, 16mul, shright, bitrst,
sieve, acker(3,5), acker(3,6), bubble(600 words), blkmov(512 bytes)
The 80C51 results are preliminary results. They may change in later versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51