| データシートサーチシステム |
|
UPD65 データシート(PDF) 36 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD65 データシート(HTML) 36 Page - NEC |
|
36 / 64 page ![]() 36 µPD64A, 65 Data Sheet U14380EJ2V0DS00 9.4 Accumulator Operation Instructions ANL A, R0n ANL A, R1n <1> Instruction code : 1 101 R4 0R3 R2 R1R0 <2> Cycle count : 1 <3> Function : (A) ← (A) (Rmn) m = 0, 1 n = 0 to F CY ← A3 • Rmn3 The accumulator contents and the register Rmn contents are ANDed and the results are entered in the accumulator. ANL A, @R0H ANL A, @R0L <1> Instruction code : 1 101 0/1 1000 0 <2> Cycle count : 1 <3> Function : (A) ← (A) ((P13), (R0))7-4 (in the case of ANL A, @R0H) CY ← A3 • ROM7 (A) ← (A) ((P13), (R0))3-0 (in the case of ANL A, @R0L) CY ← A3 • ROM3 The accumulator contents and the program memory contents specified with the control register P13 and register pair R10-R00 are ANDed and the results are entered in the accumulator. If H is specified, b7, b6, b5 and b4 take effect. If L is specified, b3, b2, b1 and b0 take effect. • Program memory (ROM) organization b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 H ↓ L ↓ Valid bits at the time of accumulator operation ANL A, #data4 <1> Instruction code : 1 10111000 1 0 00000 d3 d2 d1 d0 <2> Cycle count : 1 <3> Function : (A) ← (A) data4 CY ← A3 • data43 The accumulator contents and the immediate data are ANDed and the results are entered in the accumulator. |