| データシートサーチシステム |
|
UPD65 データシート(PDF) 47 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD65 データシート(HTML) 47 Page - NEC |
|
47 / 64 page ![]() 47 µPD64A, 65 Data Sheet U14380EJ2V0DS00 10. ASSEMBLER RESERVED WORDS 10.1 Mask Option Directives When creating the µPD64A and 65 program, it is necessary to use a mask option directive in the assembler’s source program. 10.1.1 OPTION and ENDOP directives From the OPTION directive on to the ENDOP directive are called the mask option definition block. The format of the mask option definition block is as follows: Format Symbol field Mnemonic field Operand field Comment field [Label:] OPTION [; Comment] : : ENDOP 10.1.2 Mask option definition directive The directive that can be used in the mask option definition block is listed in Table 10-1. The mask option definition can only be specified as follows. Be sure to specify the following directive. Example Symbol field Mnemonic field Operand field Comment field OPTION USEPOC ; POC circuit incorporated ENDOP Table 10-1. Mask Option Definition Directive Name Mask Option Definition Directive PRO File Address value Data value POC USEPOC 2044H 01 (POC circuit incorporated) |