データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD65 データシート(PDF) 44 Page - NEC

部品番号 UPD65
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD65 データシート(HTML) 44 Page - NEC

Back Button UPD65 Datasheet HTML 40Page - NEC UPD65 Datasheet HTML 41Page - NEC UPD65 Datasheet HTML 42Page - NEC UPD65 Datasheet HTML 43Page - NEC UPD65 Datasheet HTML 44Page - NEC UPD65 Datasheet HTML 45Page - NEC UPD65 Datasheet HTML 46Page - NEC UPD65 Datasheet HTML 47Page - NEC UPD65 Datasheet HTML 48Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
44
µPD64A, 65
Data Sheet U14380EJ2V0DS00
9.9 Timer Operation Instructions
MOV A, T0
MOV A, T1
<1> Instruction code
: 1 111 0/1 1111 1
<2> Cycle count
: 1
<3> Function
: (A)
← (Tn) n = 0, 1
CY
← 0
The timer Tn contents are transferred to the accumulator. T1 corresponds to (t9, t8, t7, t6); T0 corresponds
to (t5, t4, t3, t2).
↓
t9
t8
t7
t6
t5
t4
t3
t2
t1
t0
Can be set with
T1
T0
MOV T, #data10
MOV T, @R0
T
MOV T0, A
MOV T1, A
<1> Instruction code
: 0 010 0/1 1111 1
<2> Cycle count
: 1
<3> Function
: (Tn)
← (A) n = 0, 1
The accumulator contents are transferred to the timer register Tn. T1 corresponds to (t9, t8, t7, t6); T0
corresponds to (t5, t4, t3, t2). After executing this instruction, if data is transferred to T1, t1 becomes 0;
if data is transferred to T0, t0 becomes 0.
MOV T, #data10
<1> Instruction code
: 0 01101111 1
t1 t9 t8 t7 t6 t0 t5 t4 t3 t2
<2> Cycle count
: 1
<3> Function
: (T)
← data10
The immediate data is transferred to the timer register T (t9-t0).
Remark The timer time is set with
(set value + 1)
× 64/fX or 128/fX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64