データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2641 データシート(PDF) 22 Page - STMicroelectronics

部品番号 AN2641
部品情報  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 データシート(HTML) 22 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 18Page - STMicroelectronics AN2641 Datasheet HTML 19Page - STMicroelectronics AN2641 Datasheet HTML 20Page - STMicroelectronics AN2641 Datasheet HTML 21Page - STMicroelectronics AN2641 Datasheet HTML 22Page - STMicroelectronics AN2641 Datasheet HTML 23Page - STMicroelectronics AN2641 Datasheet HTML 24Page - STMicroelectronics AN2641 Datasheet HTML 25Page - STMicroelectronics AN2641 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Linux frame buffer
AN2641
22/37
Doc ID 14027 Rev 1
Figure 9.
Entry of CLCD info for menu config
4.
To select CLCD from menu config, just go to:
Device Drivers
Graphics support → Support for frame buffer devices →
Figure 10 and Figure 11 show how you can select CLCD panel from the menu. After
saving, the menu can be exited.
Just to verify whether CLCD is properly selected, verify that the .config file has:
CONFIG_FB_ARMCLCD=y
CONFIG_FB_ARMCLCD_SHARP_LQ043T1DG01=y
Now do, 'make uImage' and to generate a new kernel image containing the information on
the new CLCD panel.
Figure 10.
CLCD selection from menu config - 1
choice
depends on FB_ARMCLCD
prompt "LCD Panel"
default FB_ARMCLCD_SHARP_LQ043T1DG01
config FB_ARMCLCD_SHARP_LQ043T1DG01
bool "SHARP LQ043T1DG01 CLCD 4.2\" TFT(480x272)"
help
This is an implementation of the Sharp LQ043T1DG01, a 4.2"
color High Performance TFT panel.
The native resolution is 480x272.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37