データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2641 データシート(PDF) 29 Page - STMicroelectronics

部品番号 AN2641
部品情報  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 データシート(HTML) 29 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 25Page - STMicroelectronics AN2641 Datasheet HTML 26Page - STMicroelectronics AN2641 Datasheet HTML 27Page - STMicroelectronics AN2641 Datasheet HTML 28Page - STMicroelectronics AN2641 Datasheet HTML 29Page - STMicroelectronics AN2641 Datasheet HTML 30Page - STMicroelectronics AN2641 Datasheet HTML 31Page - STMicroelectronics AN2641 Datasheet HTML 32Page - STMicroelectronics AN2641 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
AN2641
Linux frame buffer
Doc ID 14027 Rev 1
29/37
6.4.2
A brief look at the source files
/dev/fb0 also allows several IOCTL commands to interface it, so that a whole range of
information about the hardware can be queried and set. The color map handling works via
IOCTLs, too. Look into <linux/fb.h> for more information on what IOCTLs exist and on which
data structures they work. Here's just a brief overview:
Table 3.
Source code information on frame buffer
Directory or files
Purpose
drivers/video/
The frame buffer core layer and low-level frame buffer drivers reside
in this directory
include/linux/fb.h,
Generic frame buffer structures are defined in this directory
include/video/.
Chipset-specific headers are kept in this directory
drivers/video/fbmem.c
Creates the /dev/fbX character devices and is the front end for
handling frame buffer ioctl commands issued by user applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37