データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2641 データシート(PDF) 34 Page - STMicroelectronics

部品番号 AN2641
部品情報  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 データシート(HTML) 34 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 29Page - STMicroelectronics AN2641 Datasheet HTML 30Page - STMicroelectronics AN2641 Datasheet HTML 31Page - STMicroelectronics AN2641 Datasheet HTML 32Page - STMicroelectronics AN2641 Datasheet HTML 33Page - STMicroelectronics AN2641 Datasheet HTML 34Page - STMicroelectronics AN2641 Datasheet HTML 35Page - STMicroelectronics AN2641 Datasheet HTML 36Page - STMicroelectronics AN2641 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Summary
AN2641
34/37
Doc ID 14027 Rev 1
9
Summary
In summary, before you start to integrate a new CLCD panel in the SPEAr system, you
mainly need three types of information:
Type of CLCD panel
Dimension-related parameters
Clock-related parameters
The next step is to make the architectural modifications in Linux. You must know exactly
where the CLCD architectural information is in Linux. You should have a basic knowledge of
the frame buffer layer of Linux as well. All this information is given the different sections of
this application note.
The last step is to create a user level application so that the CLCD panel can be tested. This
is architecture independent and should be the same for all types of LCD panel.
If you are using a touchscreen, it must be calibrated before using it as an input device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37