データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3100 データシート(PDF) 7 Page - STMicroelectronics

部品番号 AN3100
部品情報  Configuring the SPEAr3xx multi-port memory controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3100 データシート(HTML) 7 Page - STMicroelectronics

Back Button AN3100 Datasheet HTML 3Page - STMicroelectronics AN3100 Datasheet HTML 4Page - STMicroelectronics AN3100 Datasheet HTML 5Page - STMicroelectronics AN3100 Datasheet HTML 6Page - STMicroelectronics AN3100 Datasheet HTML 7Page - STMicroelectronics AN3100 Datasheet HTML 8Page - STMicroelectronics AN3100 Datasheet HTML 9Page - STMicroelectronics AN3100 Datasheet HTML 10Page - STMicroelectronics AN3100 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AN3100
DDR overview
Doc ID 16606 Rev 2
7/24
Being a 2nd generation DDR, the most important improvement found in DDR2 memory is its
transfer data rate or bandwidth. As in the case of DDR SDRAM vs. SDRAM, the bandwidth
of DDR2 memory can double the bandwidth of DDR. DDR already operates on both the
rising and the falling edge of the clock, so DDR2 can achieve twice the bandwidth by
doubling the I/O buffer frequency. DDR2 utilizes a “4-bit prefetch” architecture: this means
that 4 bits of data are moved from the memory array to the I/O buffer per data line for each
core clock cycle. The core clock cycle refers to the cycle time of the memory array, and the
frequency of the memory array is half of the I/O buffers and ¼ of the data rates.
The table below compares the main features of DDR1 and DDR2. Section 2.1.1 and
Section 2.1.2 give more details on the package and power supply differences.
Table 3.
DDR1 and DDR2 at a glance
Features
DDR1
DDR2
Frequency specifications
Data rate
200/266/333/400 Mbps
400/533/667 Mbps
Bus frequency
100/133/166/200 MHz
200/266/333 MHz
DRAM core frequency
100/133/166/200 MHz
100/133/166 MHz
Prefetch size
2 bit
4 bit
Burst length
2/4/8
4/8
Data strobe
Single DQS
Differential Strobe: DQS, /DQS
CAS latency
1.5, 2, 2.5
3, 4, 5
Write latency
1T
Read latency-1
Power Specs
Core voltage (VDD)
2.5 V
1.8 V
I/O voltage (VDDQ)
SSSTL_2(2.5 V)
SSSTL_1.8(1.8 V)
Format
Packaging
TSOP(II), TBGA
FBGA
Compatibility with DDR1
Command Set
Same as DDR1
Parameters
Same as DDR1
Bus Utilization and Signal Integrity
New features
ODT
OCD calibration
Posted CAS
Additive latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com