データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3100 データシート(PDF) 12 Page - STMicroelectronics

部品番号 AN3100
部品情報  Configuring the SPEAr3xx multi-port memory controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3100 データシート(HTML) 12 Page - STMicroelectronics

Back Button AN3100 Datasheet HTML 8Page - STMicroelectronics AN3100 Datasheet HTML 9Page - STMicroelectronics AN3100 Datasheet HTML 10Page - STMicroelectronics AN3100 Datasheet HTML 11Page - STMicroelectronics AN3100 Datasheet HTML 12Page - STMicroelectronics AN3100 Datasheet HTML 13Page - STMicroelectronics AN3100 Datasheet HTML 14Page - STMicroelectronics AN3100 Datasheet HTML 15Page - STMicroelectronics AN3100 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Configuring SPEAr MPMC for a specific DDR memory part
AN3100
12/24
Doc ID 16606 Rev 2
This tool allows you to select memories and request the configuration values. A progress
page is displayed while the script runs, and the file can be downloaded when the script
completes.
Once the configuration values for SPEAr3xx are obtained from the Web tool for the selected
DDR part, these values should be updated in the Xloader code.
In the Xloader code, there are separate DDR configuration files for SPEAr3xx in a folder
named “DDR”. You need to create another similar DDR configuration file for the memory
part in use with the values received from the Web tool. Moreover, it is necessary to make
sure that the PLL of the SPEAr system used to clock DDR is programmed for the selected
DDR frequency. Refer to the miscellaneous block chapter of the SPEAr3xx user manual for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24