データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3100 データシート(PDF) 16 Page - STMicroelectronics

部品番号 AN3100
部品情報  Configuring the SPEAr3xx multi-port memory controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3100 データシート(HTML) 16 Page - STMicroelectronics

Back Button AN3100 Datasheet HTML 12Page - STMicroelectronics AN3100 Datasheet HTML 13Page - STMicroelectronics AN3100 Datasheet HTML 14Page - STMicroelectronics AN3100 Datasheet HTML 15Page - STMicroelectronics AN3100 Datasheet HTML 16Page - STMicroelectronics AN3100 Datasheet HTML 17Page - STMicroelectronics AN3100 Datasheet HTML 18Page - STMicroelectronics AN3100 Datasheet HTML 19Page - STMicroelectronics AN3100 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
PCB layout recommendations
AN3100
16/24
Doc ID 16606 Rev 2
6
PCB layout recommendations
Layout and PCB parameters play a very important role for DDR, especially when the system
runs at high frequencies like 333 MHz (667 MT/sec).
AN2674 PCB layout guidelines for SPEAr3xx provides recommendations for DDR signal
routing, track lengths and impedances. Please strictly follow these guidelines. This
application note also provides the required data to balance the length of the data/control
tracks going to the DDR chips.
PCB simulation is also strongly suggested to make sure that PCB does not introduce signal
reflection and to determine violations in the communication between MPMC and DDR. The
IBIS model of the DDR interface of SPEAr3xx is available to run these simulations. Refer to
AN3099 IBIS models for signal integrity simulation of SPEAr3xx applications.
The schematics and layouts of the SPEAr3xx evaluation boards are available and can be
used as reference design and starting point for your application design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24