データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3139 データシート(PDF) 32 Page - STMicroelectronics

部品番号 AN3139
部品情報  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 データシート(HTML) 32 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 28Page - STMicroelectronics AN3139 Datasheet HTML 29Page - STMicroelectronics AN3139 Datasheet HTML 30Page - STMicroelectronics AN3139 Datasheet HTML 31Page - STMicroelectronics AN3139 Datasheet HTML 32Page - STMicroelectronics AN3139 Datasheet HTML 33Page - STMicroelectronics AN3139 Datasheet HTML 34Page - STMicroelectronics AN3139 Datasheet HTML 35Page - STMicroelectronics AN3139 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
Block-by-block compatibility analysis
AN3139
32/63
Doc ID 16993 Rev 3
Table 6.
Overview of STM8L family peripheral addresses
STM8L10x
STM8L15x/STM8L16x
Peripheral
Low density
STM8L10x
Low density
STM8L15x
Medium density
STM8L15x
Medium+/High
density STM8L15x/
High density
STM8L16x
GPIO
0x00 5000 - 0x00 5013 0x00 5000 - 0x00 501D 0x00 5000 - 0x00 501D 0x00 5000 - 0x00 502C
Reserved
0x00 5014 - 0x00 5049 0x00 501E - 0x00 5049 0x00 501E - 0x00 5049
0x00 502D - 0x00 5049
Flash
0x00 5050 - 0x00 5054 0x00 5050 - 0x00 5054 0x00 5050 - 0x00 5054
0x00 5050 - 0x00 5054
Reserved
0x00 5055 - 0x00 506F 0x00 5055 - 0x00 506F
0x00 5055 - 0x00 506F
DMA1
0x00 5070 - 0x00 509A 0x00 5070 - 0x00 509A
0x00 5070 - 0x00 509A
Reserved
0x00 5055 - 0x00 509F
0x00 509B - 0x00
509D
0x00 509B - 0x00 509D 0x00 509B - 0x00 509C
SYSCFG
0x00 509E - 0x00 509F 0x00 509E - 0x00 509F 0x00 509D - 0x00 509F
ITC-EXTI
0x00 50A0 - 0x00 50A5 0x00 50A0 - 0x00 50A5 0x00 50A0 - 0x00 50A5 0x00 50A0 - 0x00 50A5
WFE
0x00 50A6 - 0x00 50A7 0x00 50A6 - 0x00 50A8 0x00 50A6 - 0x00 50A8 0x00 50A6 - 0x00 50A8
Reserved
0x00 50A8 - 0x00 50AF
0x00 50A9 - 0x00
50AF
0x00 50A9 - 0x00 50AF 0x00 50A9 - 0x00 50AF
RST
0x00 50B0 - 0x00 50B1 0x00 50B0 - 0x00 50B1 0x00 50B0 - 0x00 50B1 0x00 50B0 - 0x00 50B1
PWR
0x00 50B2 - 0x00 50B3 0x00 50B2 - 0x00 50B3 0x00 50B2 - 0x00 50B3
Reserved
0x00 50B2 - 0x00 50BF
0x00 50B4 - 0x00
50BF
0x00 50B4 - 0x00 50BF 0x00 50B4 - 0x00 50BF
CLK
0x00 50C0 - 0x00 50C5
0x00 50C0 - 0x00
50CF
0x00 50C0 - 0x00 50CF
0x00 50C0 - 0x00
50CF
Reserved
0x00 50C6 - 0x00
50DF
0x00 50D0 - 0x00
50D2
0x00 50D0 - 0x00 50D2
0x00 50D0 - 0x00
50D2
WWDG
0x00 50D3 - 0x00
50D4
0x00 50D3 - 0x00 50D4
0x00 50D3 - 0x00
50D4
Reserved
0x00 50C6 - 0x00
50DF
0x00 50D5 - 0x00
50DF
0x00 50D5 - 0x00 50DF
0x00 50D5 - 0x00
50DF
IWDG
0x00 50E0 - 0x00 50E2 0x00 50E0 - 0x00 50E2 0x00 50E0 - 0x00 50E2 0x00 50E0 - 0x00 50E2
Reserved
0x00 50E3 - 0x00 50EF
0x00 50E3 - 0x00
50EF
0x00 50E3 - 0x00 50EF 0x00 50E3 - 0x00 50EF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63