データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3139 データシート(PDF) 41 Page - STMicroelectronics

部品番号 AN3139
部品情報  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 データシート(HTML) 41 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 37Page - STMicroelectronics AN3139 Datasheet HTML 38Page - STMicroelectronics AN3139 Datasheet HTML 39Page - STMicroelectronics AN3139 Datasheet HTML 40Page - STMicroelectronics AN3139 Datasheet HTML 41Page - STMicroelectronics AN3139 Datasheet HTML 42Page - STMicroelectronics AN3139 Datasheet HTML 43Page - STMicroelectronics AN3139 Datasheet HTML 44Page - STMicroelectronics AN3139 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
AN3139
Block-by-block compatibility analysis
Doc ID 16993 Rev 3
41/63
3.6
COMP peripherals
The STM8L products feature two zero-crossing comparators COMP1 and COMP2 that
share the same current bias. For the STM8L10x sub-family, the COMP1 and COMP2 share
also the reference voltage.
Each comparator has two inputs: inverting and non inverting inputs. The
STM8L15x/STM8L16x sub-family offers more capabilities than the STM8L10x sub-family in
terms of number and configuration of these inputs.
The following table shows the availability of the COMPx inverting and non inverting inputs in
both sub-families.
Table 14.
Overview of comparator inputs
STM8L10x
STM8L15x/STM8L16x
Comparator
Input
Low density
STM8L10x
Low density
STM8L15x
Medium density
STM8L15x
Medium+/High
density
STM8L15x/ High
density
STM8L16x
COMP1
PB0
PA6
PA6
PA6
PB1
PA5
PA5
PA5
PD0
PA4
PA4
PA4
PD1
PC7
PC7
PC7
PC4
PC4
PC4
PC3
PC3
PC3
PC2
PC2
PC2
PD7
PD7
PD7
PD6
PD6
PD6
PD5
PD5
PD5
PD4
PD4
PD4
PB7
PB7
PB7
PB6
PB6
PB6
PB5
PB5
PB5
PB4
PB4
PB4
PB3
PB3
PB3
PB2
PB2
PB2
PB1
PB1
PB1
PB0
PB0
PB0
PD3
PD3
PD3
PD2
PD2
PD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63