| データシートサーチシステム |
|
AN3139 データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3139 データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 63 page ![]() AN3139 Block-by-block compatibility analysis Doc ID 16993 Rev 3 35/63 The following table presents the number of ports and pins used in each superset of each sub-family. For more details on pinout and packages, please refer to the related datasheet. Note: All I/Os available in the package are mapped on external interrupt vectors. Table 7. STM8L family GPIOs overview Ports STM8L10x STM8L15x/STM8L16x Low density STM8L10x Low density STM8L15x Medium density STM8L15x Medium+/High density STM8L15x/ High density STM8L16x Port A PA0 - PA6 PA0 - PA7 PA0 - PA7 PA0 - PA7 Port B PB0 - PB7 PB0 - PB7 PB0 - PB7 PB0 - PB7 Port C PC0 - PC6 PC0 - PC7 PC0 - PC7 PC0 - PC7 Port D PD0 - PD7 PD0 - PD7 PD0 - PD7 PD0 - PD7 Port E PE0 - PE7 PE0 - PE7 PE0 - PE7 Port F PF0 PF0 PF0 - PF7 Port G PG0 - PG7 Port H PH0 - PH7 |