データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3427 データシート(PDF) 25 Page - STMicroelectronics

部品番号 AN3427
部品情報  Migrating a microcontroller application from STM32F1 to STM32F2 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3427 データシート(HTML) 25 Page - STMicroelectronics

Back Button AN3427 Datasheet HTML 21Page - STMicroelectronics AN3427 Datasheet HTML 22Page - STMicroelectronics AN3427 Datasheet HTML 23Page - STMicroelectronics AN3427 Datasheet HTML 24Page - STMicroelectronics AN3427 Datasheet HTML 25Page - STMicroelectronics AN3427 Datasheet HTML 26Page - STMicroelectronics AN3427 Datasheet HTML 27Page - STMicroelectronics AN3427 Datasheet HTML 28Page - STMicroelectronics AN3427 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
AN3427
Peripheral migration
Doc ID 019001 Rev 1
25/52
TIM4
TIM4_UP
TIM4_CH1
TIM4_CH2
TIM4_CH3
DMA1_Channel7
DMA1_Channel1
DMA1_Channel4
DMA1_Channel5
DMA1_Channel2: stream6
DMA1_Channel2: stream0
DMA1_Channel2: stream3
DMA1_Channel2: stream7
TIM5
TIM5_UP
TIM5_CH1
TIM5_CH2
TIM5_CH3
TIM5_CH4
TIM5_TRIG
DMA2_Channel2
DMA2_Channel5
DMA2_Channel4
DMA2_Channel2
DMA2_Channel1
DMA2_Channel1
DMA1_Channel6: stream0 / stream6
DMA1_Channel6: stream2
DMA1_Channel6: stream4
DMA1_Channel6: stream0
DMA1_Channel6: stream1 / stream3
DMA1_Channel6: stream1 / stream3
TIM6
TIM6_UP
DMA2_Channel3 / DMA1_Channel3(1) DMA1_Channel7: stream1
TIM7
TIM7_UP
DMA2_Channe4 / DMA1_Channel4 (1) DMA1_Channel1: stream2 / stream4
TIM15
TIM15_UP
TIM15_CH1
TIM15_TRIG
TIM15_COM
DMA1_Channel5
DMA1_Channel5
DMA1_Channel5
DMA1_Channel5
NA
TIM16
TIM16_UP
TIM16_CH1
DMA1_Channel6
DMA1_Channel6
NA
TIM17
TIM17_UP
TIM17_CH1
DMA1_Channel7
DMA1_Channel7
NA
DCMI
DCMI
NA
DMA2_Channel1: stream1 / stream7
CRYP
CRYP_OUT
CRYP_IN
HASH_IN
NA
DMA2_Channel2: stream5
DMA2_Channel2: stream6
DMA2_Channel2: stream7
1.
For High-density value line devices, the DAC DMA requests are mapped respectively on DMA1 Channel 3 and DMA1
Channel 4
Table 7.
DMA request differences between STM32 F1 series and STM32 F2 series (continued)
Peripheral
DMA request
STM32 F1series
STM32 F2 series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52