| データシートサーチシステム |
|
AN3427 データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3427 データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 52 page ![]() Peripheral migration AN3427 32/52 Doc ID 019001 Rev 1 Table 10. FLASH differences between STM32 F1 series and STM32 F2 series Flash STM32 F1 series STM32 F2 series Wait States up to 2 up to 7 (depending on the supply voltage) Main/Program memory Start Address 0x0800 0000 0x0800 0000 End Address up to 0x080F FFFF up to 0x080F FFFF Granularity Page of 2 Kbytes size except for Low and Medium density Page of 1 Kbytes 4 sectors of 16 Kbytes 1 sector of 64 Kbytes 7 sectors of 128 Kbytes EEPROM memory Start Address Available by SW emulation (1) Available by SW emulation(2) End Address System memory Start Address 0x1FFF F000 0x1FFF 0000 End Address 0x1FFF F7FF 0x1FFF 77FF Option Bytes Start Address 0x1FFF F800 0x1FFF C000 End Address 0x1FFF F80F 0x1FFF C007 OTP Start Address NA 0x1FFF 7800 End Address 0x1FFF 79FF Flash interface Start address 0x4002 2000 0x4002 3C00 Programming procedure Same for all product lines Different from F1 series Erase granularity Page (1 or 2 Kbytes) Sector Program mode Half word Byte Half word word Double word (with external VPP supply) Read Protection Unprotection Read protection disable RDP = 0xA55A Level 0 no protection RDP = 0xAA Protection Read protection enable RDP != 0xA55A Level 1 memory protection RDP != (Level 2 & Level 0) JTAG fuse NA Level 2 RDP = 0xCC (3) Write protection Protection by 4Kbytes Protection by sector |