データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0020 データシート(PDF) 52 Page - STMicroelectronics

部品番号 PM0020
部品情報  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 データシート(HTML) 52 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 48Page - STMicroelectronics PM0020 Datasheet HTML 49Page - STMicroelectronics PM0020 Datasheet HTML 50Page - STMicroelectronics PM0020 Datasheet HTML 51Page - STMicroelectronics PM0020 Datasheet HTML 52Page - STMicroelectronics PM0020 Datasheet HTML 53Page - STMicroelectronics PM0020 Datasheet HTML 54Page - STMicroelectronics PM0020 Datasheet HTML 55Page - STMicroelectronics PM0020 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 87 page
background image
Full chip erase operation
PM00020
52/87
6
Full chip erase operation
Table 25.
Full chip erase
Description
Flow in sequence
Check Flash Memory JTAG Device ID
IDCODE
If ID not matched, exit with error
Enable Turbo Programming Mode
TURBO-PROG-ENABLE
Enter ISC mode
ISC-ENABLE
Full-chip erase
ISC-ERASE (all)
if failed,
{
ISC-CLR-STATUS
report erase rror
}
Disable ISC mode
ISC-DISABLE
Disable Turbo Programming Mode
Disabling by either power-down or taking JTRSTn to low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87