データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0020 データシート(PDF) 14 Page - STMicroelectronics

部品番号 PM0020
部品情報  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 データシート(HTML) 14 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 10Page - STMicroelectronics PM0020 Datasheet HTML 11Page - STMicroelectronics PM0020 Datasheet HTML 12Page - STMicroelectronics PM0020 Datasheet HTML 13Page - STMicroelectronics PM0020 Datasheet HTML 14Page - STMicroelectronics PM0020 Datasheet HTML 15Page - STMicroelectronics PM0020 Datasheet HTML 16Page - STMicroelectronics PM0020 Datasheet HTML 17Page - STMicroelectronics PM0020 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 87 page
background image
STR91xFA Flash memory
PM00020
14/87
The write operations of the two banks are managed by an embedded Flash Program/Erase
Controller (FPEC). The high voltage needed for Program/Erase operations is internally
generated.
Bank 1
128Kbytes
Bank 1 Sector 0
0x0000.0000 - 0x0000.3FFF
16K
Bank 1 Sector 1
0x0000.4000 - 0x0000.7FFF
16K
Bank 1 Sector 2
0x0000.8000 - 0x0000.BFFF
16K
Bank 1 Sector 3
0x0000.C000 - 0x0000.FFFF
16K
Bank 1 Sector 4
0x0001.0000 - 0x0001.3FFF
16K
Bank 1 Sector 5
0x0001.4000 - 0x0001.7FFF
16K
Bank 1 Sector 6
0x0001.8000 - 0x0001.BFFF
16K
Bank 1 Sector 7
0x0001.C000 - 0x0001.FFFF
16K
Bank 1
User Configuration Sector (OTP
and Electronic Signature,
Configuration and Protection
Registers)
Access via CUI or JTAG
32
Table 4.
STR91xFAxx7 Flash module organization (continued)
Bank
Sector
Address Offset
Size (bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87