データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0020 データシート(PDF) 84 Page - STMicroelectronics

部品番号 PM0020
部品情報  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 データシート(HTML) 84 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 79Page - STMicroelectronics PM0020 Datasheet HTML 80Page - STMicroelectronics PM0020 Datasheet HTML 81Page - STMicroelectronics PM0020 Datasheet HTML 82Page - STMicroelectronics PM0020 Datasheet HTML 83Page - STMicroelectronics PM0020 Datasheet HTML 84Page - STMicroelectronics PM0020 Datasheet HTML 85Page - STMicroelectronics PM0020 Datasheet HTML 86Page - STMicroelectronics PM0020 Datasheet HTML 87Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 84 / 87 page
background image
ISC logic description
PM00020
84/87
needs time to complete and may take up to 50uS before JTAG is ready to accept the next
command.
12.5.24
Abort handling
Table 50.
Abort handling summary
Abort condition
Aborted Instruction
Abort handling
Vcc Power Down
All
None((1))
– Test-Logic-Reset
(TRST,
LVD_RESET)
– ISC_DISABLE
Isc_Program,
Isc_Program_Uc,
Isc_Program_Security
Isc_Erase
Isc_Blank_Check
1) Abort condition is latched in Micro-osc domain.
2) An abort request is sent to the Micro. The Micro operates to
switch off the pumps, to discharge the capacitances, and to clear its
own status. When Micro finishes, it sends an acknowledgment to
ISC
3) ISC resets the ISC_Algorithm and then the Flash_Interface and
all the other blocks.
Almost 50 us are required to complete the abort sequence. During
this time no instruction should be issued.
Isc_Read
1) Abort condition is latched in Micro-osc domain.
2) ISC resets the ISC_Algorithm and then the Flash_Interface and
all the other blocks.
All the abort sequence will finish within 1 us. In this time no
instruction should be issued.
1.
The Security and Lock bits have a protection in the double program cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87