データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4038 データシート(PDF) 14 Page - STMicroelectronics

部品番号 AN4038
部品情報  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 データシート(HTML) 14 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 10Page - STMicroelectronics AN4038 Datasheet HTML 11Page - STMicroelectronics AN4038 Datasheet HTML 12Page - STMicroelectronics AN4038 Datasheet HTML 13Page - STMicroelectronics AN4038 Datasheet HTML 14Page - STMicroelectronics AN4038 Datasheet HTML 15Page - STMicroelectronics AN4038 Datasheet HTML 16Page - STMicroelectronics AN4038 Datasheet HTML 17Page - STMicroelectronics AN4038 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
STM8TL5xxx sensitivity setting
AN4038
14/39
Doc ID 022686 Rev 1
3.3
Detection threshold
The detection threshold (Dth) is the minimum value between the reference and the current
signal necessary to report a proximity detection. The Dth directly influences the detection
distance of the system. The lower Dth is, the higher the detection distance is.
Figure 11 shows the detection distance versus the Dth. This test was performed using
sensor #10 (see Figure 2).
Figure 11.
Detection distance versus detection threshold
The Dth value should be set higher than the noise amplitude to filter environmental noise
signals and to guarantee the stability of the system. Figure 12 shows the Dth versus noise.
This test was performed using sensor #10 (see Figure 2).
Figure 12.
Detection threshold versus noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39