データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4038 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN4038
部品情報  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 17Page - STMicroelectronics AN4038 Datasheet HTML 18Page - STMicroelectronics AN4038 Datasheet HTML 19Page - STMicroelectronics AN4038 Datasheet HTML 20Page - STMicroelectronics AN4038 Datasheet HTML 21Page - STMicroelectronics AN4038 Datasheet HTML 22Page - STMicroelectronics AN4038 Datasheet HTML 23Page - STMicroelectronics AN4038 Datasheet HTML 24Page - STMicroelectronics AN4038 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
AN4038
Proximity sensor design
Doc ID 022686 Rev 1
21/39
4.2
Tx/Rx electrode length influence
The Tx/Rx electrode length influences the proximity detection distance. The longer the
Tx/Rx plate length, the higher the detection distance is. Figure 18 shows the influence of the
Tx/Rx electrode length on the detection range.
Figure 18.
Detection range versus Tx/Rx electrode length
In addition, the projected capacitance between the Tx and Rx electrode increases when the
Rx/Tx electrode length increases. Regarding the projected capacitance equation (see
Equation 2 and Figure 15), the higher the front area of the two electrodes is, the higher the
capacitance is. When the projected capacitance increases the noise on the acquisition
signal decreases. Figure 19 shows the influence of the Tx/Rx electrode length on the noise
standard deviation.
Figure 19.
Noise standard deviation versus Tx/Rx electrode length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39