データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4038 データシート(PDF) 30 Page - STMicroelectronics

部品番号 AN4038
部品情報  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 データシート(HTML) 30 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 26Page - STMicroelectronics AN4038 Datasheet HTML 27Page - STMicroelectronics AN4038 Datasheet HTML 28Page - STMicroelectronics AN4038 Datasheet HTML 29Page - STMicroelectronics AN4038 Datasheet HTML 30Page - STMicroelectronics AN4038 Datasheet HTML 31Page - STMicroelectronics AN4038 Datasheet HTML 32Page - STMicroelectronics AN4038 Datasheet HTML 33Page - STMicroelectronics AN4038 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Front Panel
AN4038
30/39
Doc ID 022686 Rev 1
5
Front Panel
The front panel material and thickness influence the projected capacitance field. Each
material type is defined with a dielectric constant, known as epsilon (
εr). The higher εr is,
the easier the field can pass through material.
For example (see Figure 29), if the proximity distance without any panel is tair0, it becomes
tair1 when a panel is inserted between the sensor and the hand. tair1 is the distance between
the hand and the front panel, and Ttotal is the total distance between the hand and the
sensor. tair1 is lower than tair0 but the Ttotal is higher than tair0.
Figure 29.
Influence of panel on detection distance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39